Part Number Hot Search : 
53120 DMR14A P202K T04CO T04CO AK8855 KBP304G VQ100
Product Description
Full Text Search
 

To Download MJD11206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MJD112 NPN Silicon Darlington Transistor
November 2006
MJD112
NPN Silicon Darlington Transistor Features
* High DC Current Gain * Built-in a Damper Diode at E-C * Lead Formed for Surface Mount Applications (No Suffix)
Equivalent Circuit C
tm
B
1
D-PAK 2.Collector 3.Emitter
R1 R2 E
1.Base
R1 10k R2 0.6k
Absolute Maximum Ratings*
Symbol
VCBO VCEO VEBO IC ICP IB PC TJ TSTG Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current
Ta = 25C unless otherwise noted
Parameter
Value
100 100 5 2 4 50 20 1.75 150 - 65 ~ 150
Units
V V V A A mA W W C C
Collector Dissipation (TC=25C) Collector Dissipation (Ta=25C) Junction Temperature Storage Temperature
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics* Ta=25C unless otherwise noted
Symbol
VCEO(sus) ICEO ICBO IEBO hFE
Parameter
Collector-Emitter Sustaining Voltage Collector Cut-off Current Collector Cut-off Current Emitter Cut-off Current * DC Current Gain
Test Condition
IC = 30mA, IB = 0 VCE = 50V, IB = 0 VCB = 100V, IB = 0 VEB = 5V, IC = 0 VCE = 3V, IC = 0.5A VCE = 3V, IC = 2A VCE = 3V, IC = 4A IC = 2A, IB = 8mA IC = 4A, IB = 40mA IC = 4A, IB = 40mA VCE = 3A, IC = 2A VCE = 10V, IC = 0.75A VCB = 10V, IE = 0 f = 0.1MHz
Min.
100
Max.
20 20 2
Units
V A A mA
500 1000 200
12K 2 3 4 2.8 V V V V MHz 100 pF
VCE(sat) VBE(sat) VBE(on) fT Cob
* Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage * Base-Emitter On Voltage Current Gain Bandwidth Product Output Capacitance
25
* Pulse Test: Pulse Width300s, Duty Cycle2%
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
MJD112 Rev. B
MJD112 NPN Silicon Darlington Transistor
Typical Characteristics
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
10000
10
VCE = 3V
IC = 250 IB
hFE, DC CURRENT GAIN
VBE(sat)
1
1000
VCE(sat)
100
0.1
10 0.01
0.1
1
10
0.01 0.01
0.1
1
10
IC[A], COLLECTOR CURRENT
IC[A], COLLECTOR CURRENT
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
1000
10
VCC=30V IC=250IB
Cob[pF], CAPACITANCE
100
tR,tD(s), TURN ON TIME
1
10
tR
tD
1 0.1 1 10 100
0.1 0.01
0.1
1
10
VCB[V], COLLECTOR-BASE VOLTAGE
IC[A], COLLECTOR CURRENT
Figure 3. Collector Output Capacitance
Figure 4. Turn On Time
10
10
IC[A], COLLECTOR CURRENT
VCC=30V IC=250IB
10 s 0
tSTG,tF[S], TURN OFF TIME
tSTG
1
DC
1 5m ms s
1
tF
0.1
0.1 0.01
0.01
0.1 1 10
1
10
100
1000
IC[A], COLLECTOR CURRENT
VCE[V], COLLECTOR-EMITTER VOLTAGE
Figure 5. Turn Off Time
Figure 6. Safe Operating Area
2 MJD112 Rev. B
www.fairchildsemi.com
MJD112 NPN Silicon Darlington Transistor
Typical Characteristics
(Continued)
25
PC[W], POWER DISSIPATION
20
15
10
5
0 0 25 50
o
75
100
125
150
175
TC[ C], CASE TEMPERATURE
Figure 1. Power Derating
3 MJD112 Rev. B
www.fairchildsemi.com
MJD112 NPN Silicon Darlington Transistor
Mechanical Dimensions
D-PAK
6.60 0.20 5.34 0.30 (0.50) (4.34) (0.50)
0.70 0.20
2.30 0.10 0.50 0.10
0.60 0.20
6.10 0.20
2.70 0.20
9.50 0.30
0.91 0.10
0.80 0.20
MAX0.96 2.30TYP [2.300.20]
0.76 0.10 2.30TYP [2.300.20]
0.89 0.10
0.50 0.10 1.02 0.20 2.30 0.20
(0.70)
(0.90) (0.10) (3.05)
6.10 0.20
9.50 0.30
2.70 0.20
(2XR0.25)
0.76 0.10
Dimensions in Millimeters
4 MJD112 Rev. B
(1.00)
6.60 0.20 (5.34) (5.04) (1.50)
MIN0.55
www.fairchildsemi.com
MJD112 NPN Silicon Darlington Transistor MJD112 NPN Silicon Darlington Transistor
FAIRCHILD SEMICONDUCTOR TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACT(R) FAST(R) FASTrTM FPSTM FRFETTM
FACT Quiet SeriesTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM
SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyBoostTM TinyBuckTM TinyPWMTM TinyPowerTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHC(R)
UltraFET(R) UniFETTM VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification
Advance Information
Product Status
Formative or In Design
Definition
This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I21
5 MJD112 Rev. B
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MJD11206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X